Electronic Components Datasheet Search
  English  ▼

X  

IVYC0128 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IVYC0128
Description  miniature chip type designed for surface mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVYC0128 Datasheet(HTML) 2 Page - IDEA.lnc.

  IVYC0128 Datasheet HTML 1Page - IDEA.lnc. IVYC0128 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IVYC0128
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +90
°C
Soldering Temperature
Tsol
260 (for 5 seconds)
°C
Power Dissipation
Pd
100
mW
Peak Forward Current
(Duty 1/10 @ 1KHz)
IF (Peak)
160
mA
Reverse Voltage
VR
5
V
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
4.5
6.0
—
mcd
IF = 20 mA
Viewing Angle
2
!
!1/2
—
120
—
deg
IF = 20 mA
Peak
Wavelength
!
"p
—
585
—
nm
IF = 20 mA
Dominant
Wavelength
!
"d
—
590
—
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
!
#"
—
35
—
nm
IF = 20 mA
Forward Voltage
VF
1.7
2.0
2.4
V
IF = 20 mA
Reverse Current
IR
—
—
10
!
"A
VR = 5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com