Electronic Components Datasheet Search
  English  ▼

X  

J60B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J60B
Description  T-1, (3-mm) Round, PCB Mount, Low Current Right Angle Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J60B Datasheet(HTML) 1 Page - IDEA.lnc.

  J60B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, PCB Mount, Low Current
Right Angle Indicator, J60B Series
The J60B is a T-1 size right-angle indicator suitable as logic status, position, or fault indication. The J60B allows denser packaging where
space is a premium and can be CMOS driven to save components. The J60B has the lamp located at 3.2mm, .125") above the PCB.
The J60B series can be supplied with pinout reversed from that shown by adding “-RL” to the order code..
Specify part desired as follows:
J60B/Order Code
For example:
“J60B/G” designates an assembly with a standard diffused green LED.
“J60B/G-RL” designates the same assembly with pins reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=2mA
@If=2mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
574
1.9
2.5
55
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
3.2
6.35
4
5.2
2.5±.5
3 Ø
4.6
ref
+
–
2.54
+
–
(typ for single color)
(typ for bi-color)
Green
Anode
Red or
yellow
Anode


Similar Part No. - J60B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J60B0B ETC2-J60B0B Datasheet
1Mb / 8P
Plug-In Outlet Center Units
J60B0B ETC2-J60B0B Datasheet
1Mb / 8P
Plug-In Outlet Center Units
J60B0B-90 ETC2-J60B0B-90 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
J60B0B-90 ETC2-J60B0B-90 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
J60B0B20 ETC2-J60B0B20 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
More results

Similar Description - J60B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G244B IDEA-G244B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
G611BX-UL IDEA-G611BX-UL Datasheet
51Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61B IDEA-J61B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount, Low Current Right Angle Indicator
J61UDB IDEA-J61UDB Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J261B IDEA-J261B Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com