Electronic Components Datasheet Search
  English  ▼

X  

J61B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J61B
Description  T-1, (3-mm) Round, PCB Mount, Low Current Right Angle Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J61B Datasheet(HTML) 1 Page - IDEA.lnc.

  J61B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, PCB Mount, Low Current
Right Angle Indicator, J61B Series
The J61B is a T-1 size right-angle indicator suitable as logic status, position, or fault indication and can be CMOS driven to save compo-
nents. The Jj61B has the lamp located at 5.08mm(0.2") above the PCB, which matches the J61XB and the J95XB series in height. For
easier handling in multiple applications, refer to the J61XB specifications. The J61B series can be supplied with pinout reversed from
that shown by adding “-RL” to the order code.
Specify part desired as follows:
J61B/Order Code
For example:
“J61B/G” designates an assembly with a standard diffused green LED.
“J61B/G-RL” designates the same assembly with pins reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If= 2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
2.54
+
–
6.35
2.5±.5
3 Ø
5.08
ref
7.4
5.08
4.6
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(typ for single color)


Similar Part No. - J61B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61UDB IDEA-J61UDB Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results

Similar Description - J61B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G244B IDEA-G244B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
G611BX-UL IDEA-G611BX-UL Datasheet
51Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J60B IDEA-J60B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount, Low Current Right Angle Indicator
J61UDB IDEA-J61UDB Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J261B IDEA-J261B Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com