Electronic Components Datasheet Search
  English  ▼

X  

J61UDB Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J61UDB
Description  T-1, (3-mm) Round, PCB Mount Right Angle Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J61UDB Datasheet(HTML) 1 Page - IDEA.lnc.

  J61UDB Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A 0510
T-1, (3-mm) Round, PCB Mount
Right Angle Indicator, J61UDB/X Series
The J61UDB/X has the lamp located at a nominal 2.3 mm(0.09") above the PCB and can be CMOS driven to save components.
This series can be supplied with pinout reversed from that shown by adding “-RL” to the order code.
Specify part desired as follows:
J61UDB/Order Code
For example:
“J61UDB/G” designates an assembly with a diffused green LED.
“J61UDB/G-RL” designates the same assembly with pins reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If= 2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(typ for single color)
6.35
2.5±.5
3.0 Ø*
5.08
ref
2.54
+
–
7.4
2.3
4.6
3.5 min


Similar Part No. - J61UDB

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61B IDEA-J61B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount, Low Current Right Angle Indicator
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results

Similar Description - J61UDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G61XB ETC1-G61XB Datasheet
97Kb / 1P
T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series
G61XL ETC1-G61XL Datasheet
38Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array, G61XL Series
logo
IDEA.lnc.
G95XB IDEA-G95XB Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-Color & Tri-Color PCB Mount Right Angle LED Array
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
G611BX-UL IDEA-G611BX-UL Datasheet
51Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J261B IDEA-J261B Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com