Electronic Components Datasheet Search
  English  ▼

X  

J78B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J78B
Description  T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J78B Datasheet(HTML) 1 Page - IDEA.lnc.

  J78B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Bi-level PCB Mount
LED Indicator, J78B Series
The J78B is one of the most popular indicators in LAN hubs and network controllers. Designed to save panel space, the assembly
measures just over 4.3 mm(0.170") in width and can be CMOS driven to save components. Long arrays should be located on a pitch of
4.4 mm(0.173") to avoid crowding and tolerance build-up. For long arrays, also investigate our J784B series which is designed to replace
4 assemblies and is matched to the J78B in height, depth and lamp location.
Specify part desired as follows:
J78B/Order Code LED1 + Order Code LED 2
For example:
“J78B/H+G” designates an assembly with a red LED on top and a green LED on the bottom.
“Jj78B/(H+G)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If= 2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
4.3 (0.17)
Anode typ
5.08
2.54
2.54
9.0(.355)
2.5±.5
3 typ
5.08
2.54
9.65
3.5 min
LED 1
LED 2
IDEA
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
IDEA


Similar Part No. - J78B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
J7824A KEYSIGHT-J7824A Datasheet
5Mb / 8P
Network Monitoring Content Intercept Manager
logo
IDEA.lnc.
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
logo
Omron Electronics LLC
J78KC OMRON-J78KC Datasheet
6Mb / 25P
Magnetic Contactor
More results

Similar Description - J78B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G78B IDEA-G78B Datasheet
59Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com