Electronic Components Datasheet Search
  English  ▼

X  

J83B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J83B
Description  T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J83B Datasheet(HTML) 1 Page - IDEA.lnc.

  J83B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Tri-level PCB Mount
LED Indicator, J83B Series
The J83B is a right-angle view assembly of 3 T-1 LEDs arranged in a column and can be CMOS driven to save components. This indica-
tor array is designed to be the extension of the J78B. When used in conjunction with the J78B the two lower LEDs line up both vertically
and horizontally with the two lamps in the latter. Recommended pitch is 4.4 mm(0.173") when a large number of units are placed side-
by-side. That would allow intermixing 3-high and 2-high indicators on the same panel. This series can also be supplied with pinout
reversed from that shown by adding “-RL” to the order code of the part number.
Specify part desired as follows:
J83B/Order Code LED1 + Order Code LED 2 + Order Code LED 3
For example:
“J83B/H+Y+G” designates red LED on top, yellow LED in the middle and green LED on the bottom.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If= 2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
4.3 (0.17)
Anode typ
5.08(0.20)
2.54
2.54
5.08(0.20)
11.5(0.45)
2.5±.5
3 typ
5.08
2.54
2.54
14.7(0.58)
3.5 min
LED 1
LED 2
LED 3
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
0.5 sq typ


Similar Description - J83B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G83B IDEA-G83B Datasheet
52Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G183B IDEA-G183B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
G294H IDEA-G294H Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J94B IDEA-J94B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com