Electronic Components Datasheet Search
  English  ▼

X  

J94B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J94B
Description  T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J94B Datasheet(HTML) 1 Page - IDEA.lnc.

  J94B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Quad-level PCB Mount
LED Indicator, J94B Series
The J94B is a right-angle view assembly of 4 T-1 LEDs arranged in a column and can be CMOS driven to save components. This indica-
tor array is designed to be the extension of the J78B and J83B. When used in conjunction with the J78B and/or J83B the lower LEDs line
up both vertically and horizontally with the lamps in the latter. Recommended pitch is 4.4 mm(0.173") when a large number of units are
placed side-by-side. This would allow intermixing 4-high, 3-high and 2-high indicators on the same panel.
Specify part desired as follows:
J94B/Order Code LED1 + Order Code LED 2 + Order Code LED 3 + Order Code LED 4
For example:
“J94B/I+Y+2G” designates an assembly with a red LED on top, a yellow LED in the middle and 2 green
LED's on the bottom.
Note: Special lead length lamps are needed for position 1. Limited choices only.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
4.3(0.17")
5.08(0.2")
5.08(0.2")
2.54(0.1")
20.1
(0.79")
5.08(0.2")
2.8
(.11)
9.9
(0.39")
1.9
(.075)
3.5
3
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)


Similar Part No. - J94B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
J946B IDEA-J946B Datasheet
41Kb / 1P
T-1 LED Indicator, Right-angle, PCB Mount
More results

Similar Description - J94B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G183B IDEA-G183B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
G244B IDEA-G244B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G245B IDEA-G245B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G294H IDEA-G294H Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J83B IDEA-J83B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J244B IDEA-J244B Datasheet
39Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
J245B IDEA-J245B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com