Electronic Components Datasheet Search
  English  ▼

X  

J478B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J478B
Description  T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J478B Datasheet(HTML) 1 Page - IDEA.lnc.

  J478B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Bi-level PCB Mount
LED Indicator, J478B Series
The J478B is a popular indicator in LAN hubs and network controllers. Designed to save panel space, the assembly measures just over
4.3 mm(0.170") in width and can be CMOS driven to save components. Long arrays should be located on a pitch of 4.4 mm(0.173") to
avoid crowding and tolerance build-up. This series can also be supplied with pinout reversed from that shown by adding “-RL” to the
order code of the part number.
Specify part desired as follows:
J478B/Order Code LED1 + Order Code LED 2
For example:
“J478B/H+G” designates an assembly with a red LED on top and a green LED on the bottom.
“J478B/(H+G)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
4.3 (0.17)
Anode typ
5.08
2.54
2.54
9.0(.355)
4.0
3 typ
5.08
2.54
9.65
3.5 min
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
IDEA
LED 1
LED 2
IDEA


Similar Description - J478B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G78B IDEA-G78B Datasheet
59Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com