Electronic Components Datasheet Search
  English  ▼

X  

HR002AM Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR002AM
Description  HOME LAN NETWORKING BANDPASS FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR002AM Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR002AM Datasheet HTML 1Page - Bothhand USA, LP. HR002AM Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HOME LAN NETWORKING BANDPASS FILTERS
BOTHHAND
USA
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Design for Home LAN Networking , Phoneline & Ethernet .
Supports TUT system Home LAN Technology.
Surface mountable.
HI-POT:1500Vrms
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range:0℃ to +70℃
“
*”Operating temperature range : -40℃ to +85℃
Insertion Loss
(dB Normal/Max)
Attenuation
TX/RX (dB Min/Normal)
Return Loss
TX/RX (dB Min.)
Part
Number
6MHz
7.5MHz
9.0MHz
1MHz
2.0MHz
27MHz
6-9MHz
Turn Ratio
(±5%)
HR002
-1.8/-3
-1.7/-3
-1.8/-3
-
-50/-53
-55/-60
-10
1CT:1
HR002-1
-2.5/-3
-2.2/-2.5
-2.5/-3
-
-65/-70
-47/-55
-10
1CT:1
HR002-1M*
-2.5/-3
-2.2/-2.5
-2.5/-3
-
-65/-70
-47/-55
-10
1CT:1
HR002A
-2.5/-3
-2.2/-2.5
-2.5/-3
-
-65/-70
-47/-55
-10
1CT:1
HR002AM*
-2.5/-3
-2.2/-2.5
-2.5/-3
-
-65/-70
-47/-55
-10
1CT:1
HR002B
-1.8/-3
-1.7/-3
-1.8/-3
-
-50/-53
-55/-60
-10
1CT:1
HR002BA
-1.8/-3
-1.7/-3
-1.8/-3
-
-50/-53
-55/-58
-10
1CT:1
HR002C
-2.2
-65
-
-55
-10
1CT:1
HR002M*
-2.5/-3
-2.2/-2.5
-2.5/-3
-65/-70
-
-47/-55
10
1CT:1
Note:HR002C 1. Impedance(input/output):100 OHMS
2. FL (PASSBAND LOW FREQUENCY CORNER): 5MHz Typ
3. FH (PASSBAND HI FREQUENCY CORNER) : 10 MHz Typ
4. CMRR(5.5-9.5MHz) : 50 dB Min
Mechanicals


Similar Part No. - HR002AM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
More results

Similar Description - HR002AM

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
LHR002 BOTHHAND-LHR002 Datasheet
43Kb / 1P
HOME LAN NETWORKING FOR PCMCIA BANDPASS FILTER
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
EHR009 BOTHHAND-EHR009 Datasheet
189Kb / 1P
HOME LAN NETWORKING BANDPASS FILTERS
HR003 BOTHHAND-HR003 Datasheet
39Kb / 1P
HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
HR001 BOTHHAND-HR001 Datasheet
300Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR004M BOTHHAND-HR004M Datasheet
153Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR007 BOTHHAND-HR007 Datasheet
25Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR008 BOTHHAND-HR008 Datasheet
67Kb / 1P
HOME LAN NETWORKING BANDPASS& 10 /100 BASE-T FILTER
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com