Electronic Components Datasheet Search
  English  ▼

X  

J784B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J784B
Description  T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J784B Datasheet(HTML) 1 Page - IDEA.lnc.

  J784B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Bi-level PCB Mount
LED Indicator Array, J784B Series
The J784B is a right-angle view assembly of 8 T-1 LEDs arranged in 2 rows of 4 each and can be CMOS driven to save components.
This indicator array is designed for handling ease to save assembly labor and to maintain alignment from column to column. The four
pairs of LEDs are located on a 4.4 mm(0.173") pitch. A long array of arbitrary length can be made up by intermixing our J784B series
with the matching J78B. This series can also be supplied with pinout reversed from that shown by adding “-RL” to the order code of the
part number.
Specify part desired as follows:J784B/Order Code LED1 + Order Code LED 2 + ... + Order Code LED 8For example:“J784B/4H+4G”
designates an assembly with 4 red LEDs on top and 4 green LEDs on the bottom.“J784B/(4H+4G)-RL” designates the same assembly
with all lamps having reversed polarity.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If= 2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
17.5 (0.69)
5.08
2.54
2.54
4.4
9.0(.355)
2.5±.5
3 typ
5.08
2.54
9.65
3.5 min
12
3
4
56
7
8
– Pin,
LED 8
12
34
56
78
+
–
(single color lamps)
+
– +
– +
–
+
– +
– +
– +
–
(typ for bi-color)
Green
Anode
Red or
yellow
Anode


Similar Part No. - J784B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
J7824A KEYSIGHT-J7824A Datasheet
5Mb / 8P
Network Monitoring Content Intercept Manager
logo
IDEA.lnc.
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
logo
Omron Electronics LLC
J78KC OMRON-J78KC Datasheet
6Mb / 25P
Magnetic Contactor
More results

Similar Description - J784B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G78B IDEA-G78B Datasheet
59Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com