Electronic Components Datasheet Search
  English  ▼

X  

B44020 Datasheet(PDF) 3 Page - EPCOS

Part # B44020
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44020 Datasheet(HTML) 3 Page - EPCOS

  B44020 Datasheet HTML 1Page - EPCOS B44020 Datasheet HTML 2Page - EPCOS B44020 Datasheet HTML 3Page - EPCOS B44020 Datasheet HTML 4Page - EPCOS B44020 Datasheet HTML 5Page - EPCOS B44020 Datasheet HTML 6Page - EPCOS B44020 Datasheet HTML 7Page - EPCOS B44020 Datasheet HTML 8Page - EPCOS B44020 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Capacitor
diameter
Thread size
Dimensional drawing
Ordering code
Plastic cap nut "V"
≤ 40 mm
M8
width across
flats 13 mm
B44020B0005B008
> 40 mm
M12
width across
flats 17 mm
B44020A0005B012
Reinforced nylon cap nut
> 40 mm
M12
width across
flats 19 mm
B44020J0006B012
≤ 40 mm
M8
width across
flats 17 mm
B44020J0006B008
> 40 mm
M12
width across
flats 19 mm
B44020J0007B012
B44020
Screw terminals
Accessories
Page 3 of 14
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com