Electronic Components Datasheet Search
  English  ▼

X  

J2178B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J2178B
Description  2 x 3 mm, Bi-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J2178B Datasheet(HTML) 1 Page - IDEA.lnc.

  J2178B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
2 x 3 mm, Bi-level PCB Mount
LED Indicator, J2178B Series
The J2178B series is an assembly using two 2 x 3 mm LEDs in a right-angle mount. Designed to save panel space, the assembly mea-
sures just over 4.3 mm(0.170") in width and can be CMOS driven to save components. Long arrays should be located on a pitch of 4.4
mm(0.173") to avoid crowding and tolerance build-up. This series can also be supplied with pinout reversed from that shown by adding “-
RL” to the order code of the part number.
Specify part desired as follows:
J2178B/Order Code LED1 + Order Code LED 2For example:“J2178B/G+Y” designates an assembly with a green LED on top and a
yellow LED on the bottom.“J2178B/(G+Y)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
4.3 (0.17)
5.08
2.54
2.54
9.0(.355)
2.5±.5
2 typ
5.08
2.54
9.65
3.5 min


Similar Part No. - J2178B

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J21-SERIES EDAC-J21-SERIES Datasheet
178Kb / 1P
J21 Series SINGLE PORT RJ11, VERTICAL PCB MOUNT, NON-SHIELDED, 6.35mm FOOTPRINT
logo
NXP Semiconductors
J210 PHILIPS-J210 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
logo
Fairchild Semiconductor
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
N-Channel RF Amplifier
logo
Calogic, LLC
J210 CALOGIC-J210 Datasheet
22Kb / 2P
N-Channel JFET
logo
Linear Integrated Syste...
J210 LINEAR-J210 Datasheet
15Kb / 1P
LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
More results

Similar Description - J2178B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G2178B IDEA-G2178B Datasheet
25Kb / 1P
2 x 3 mm, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com