Electronic Components Datasheet Search
  English  ▼

X  

JGC0158 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # JGC0158
Description  LED LAMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC0158 Datasheet(HTML) 2 Page - IDEA.lnc.

  JGC0158 Datasheet HTML 1Page - IDEA.lnc. JGC0158 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JGC0158
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Operating Temperature
Topr
-30 to +85
°C
Storage Temperature
Tstg
-40 to +100
°C
Soldering Temperature
Tsol
260 (for 5 seconds)
°C
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @ 1KHz)
IF (Peak)
160
mA
Reverse Voltage
VR
5V
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
—1
—
mcd
IF = 2 mA
10
15
—
IF = 20 mA
Viewing Angle
2
θ1/2
—
140
—
deg
IF = 20 mA
Peak
Wavelength
λp
—
575
—
nm
IF = 20 mA
Dominant
Wavelength
λd
—
573
—
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
∆λ
—20
—
nm
IF = 20 mA
Forward Voltage
VF
—
2.0
2.4
V
IF = 20 mA
Reverse Current
IR
——
10
µA
VR = 5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com