Electronic Components Datasheet Search
  English  ▼

X  

JGC2381 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JGC2381
Description  T-1, 3 mm Round
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC2381 Datasheet(HTML) 1 Page - IDEA.lnc.

  JGC2381 Datasheet HTML 1Page - IDEA.lnc. JGC2381 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JGC2381
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
This lamp is a T-1, 3 mm Round. It is designed for applications requiring higher brightness.
PART NO.
Chip
Lens Color
Material
Emitted Color
JGC2381
AlGaInP
Super Yellow Green
Water Clear


Similar Part No. - JGC2381

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC2351 IDEA-JGC2351 Datasheet
24Kb / 1P
Blue Clear and Diffused, Water Clear LED
More results

Similar Description - JGC2381

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
234 EVERLIGHT-234 Datasheet
101Kb / 8P
3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
3 mm Round LED (T-1)
logo
IDEA.lnc.
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
T-1, 3 mm Round
IUBC2381 IDEA-IUBC2381 Datasheet
37Kb / 2P
T-1, 3 mm Round
IUWC2381 IDEA-IUWC2381 Datasheet
37Kb / 2P
T-1, 3 mm Round
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
T-1, 3 mm Round
JYC2381 IDEA-JYC2381 Datasheet
37Kb / 2P
T-1, 3 mm Round
logo
Everlight Electronics C...
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
3 mm Round LED (T-1)
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
3 mm Round LED (T-1)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com