Electronic Components Datasheet Search
  English  ▼

X  

JRGC0128 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JRGC0128
Description  right-angle bi-color miniature chip type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JRGC0128 Datasheet(HTML) 1 Page - IDEA.lnc.

  JRGC0128 Datasheet HTML 1Page - IDEA.lnc. JRGC0128 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JRGC0128
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
This is a right-angle bi-color miniature chip type. They can be used for backlighting or as through
the panel indicators. These lamps are packaged in 8 mm tape on a 7" diameter reel with approxi-
mately 2000 pcs/reel.
PART NO.
Chip
Lens Color
Material
Emitted Color
JRGC0128
AlGaInP
Red
Water Clear
AlGaInP
Yellow Green


Similar Part No. - JRGC0128

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRGC0118 IDEA-JRGC0118 Datasheet
30Kb / 1P
J Series Surface Mount LEDs
JRGC0158 IDEA-JRGC0158 Datasheet
41Kb / 2P
miniature chip type designed for surface mounting
JRGC0158 IDEA-JRGC0158 Datasheet
29Kb / 1P
Surface Mount LED
More results

Similar Description - JRGC0128

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
logo
IDEA.lnc.
JBRC0128 IDEA-JBRC0128 Datasheet
45Kb / 2P
right-angle bi-color miniature chip type
JDGC0128 IDEA-JDGC0128 Datasheet
45Kb / 2P
right-angle bi-color miniature chip type
JDVGC0128 IDEA-JDVGC0128 Datasheet
45Kb / 2P
right-angle bi-color miniature chip type
JYGC0128 IDEA-JYGC0128 Datasheet
40Kb / 2P
right-angle bi-color miniature chip type
logo
Everlight Electronics C...
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C Datasheet
301Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C_11 Datasheet
288Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
Right Angle Lens Chip LED with Bi-Color(Multi-color)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com