Electronic Components Datasheet Search
  English  ▼

X  

TLP570 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP570
Description  Programmable Controllers AC / DC.Input Module Solid State Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP570 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP570 Datasheet HTML 1Page - Toshiba Semiconductor TLP570 Datasheet HTML 2Page - Toshiba Semiconductor TLP570 Datasheet HTML 3Page - Toshiba Semiconductor TLP570 Datasheet HTML 4Page - Toshiba Semiconductor TLP570 Datasheet HTML 5Page - Toshiba Semiconductor TLP570 Datasheet HTML 6Page - Toshiba Semiconductor TLP570 Datasheet HTML 7Page - Toshiba Semiconductor TLP570 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP570,TLP571
2002-09-25
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP570,TLP571
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP570 and TLP571 consist of a darlington connected
photo−transistor optically coupled to a gallium arsenide infrared
emitting diode in a six lead plastic DIP package.
TLP570 is no−base internal connection for high−EMI environments.
l Collector−emitter voltage: 35V (min.)
l Current transfer ratio: 1000% (min.)
l Isolation voltage: 2500Vrms (min.)
l UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7A8


Similar Part No. - TLP570

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP570 TOSHIBA-TLP570 Datasheet
635Kb / 8P
Programmable Controllers AC / DC−Input Module
TLP5701 TOSHIBA-TLP5701 Datasheet
901Kb / 19P
Photocouplers Infrared LED & Photo IC
2019-12-05 Rev.6.0
TLP5701D4-TP,ET TOSHIBA-TLP5701D4-TP,ET Datasheet
901Kb / 19P
Photocouplers Infrared LED & Photo IC
2019-12-05 Rev.6.0
TLP5702 TOSHIBA-TLP5702 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-10 Rev.5.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
More results

Similar Description - TLP570

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
25-Sep-2002
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
25-Sep-2002
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com