Electronic Components Datasheet Search
  English  ▼

X  

IVRC0128 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IVRC0128
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVRC0128 Datasheet(HTML) 1 Page - IDEA.lnc.

  IVRC0128 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–2
Surface Mount LED,
0128 Series Right Angle Lens
The 0128 series lamps are miniature chip type designed for two-way surface mounting. Mounted normally, these lamps can be used as
circuit board status indicators or as backlight for switches or key pads. Mounted at right angles these lamps are miniature through the
panel indicators. These lamps are available in EIA481 tape and reel packaging with approximately 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC0128
Red
660
20
100
30
200
100
5
–
1.8
2.4
7
15
120
IVRC0128
Orange
640
45
70
25
90
100
5
–
2.0
2.8
4
8
120
IVYC0128
Yellow
585
35
70
25
90
100
5
–
2.0
2.8
2
6
120
IVGC0128
Green
570
30
70
25
90
100
5
–
2.1
2.8
5
11
120
IUGC0128
Green
570
30
70
30
100
100
5
–
2.1
2.8
10
15
120
IUYC0128
Yellow
590
15
70
30
160
100
5
–
2.1
2.8
19
33
120
IUOC0128
Orange
620
18
70
50
160
100
5
–
2.1
2.8
26
46
120
IUBC0128
Blue
428
65
140
30
70
50
5
-
3.8
4.5
17
22
120
IUBC0128-7
Blue
468
26
140
30
70
50
5
-
3.5
4.0
23
29
120
1±0.2
3±0.2
1.0
2.0
Cathode
Marking
0.4 x 2
1.0
1.8
1.0
Suggested pad dimensions
for reflow soldering
1.0
+
-
013S-0128


Similar Part No. - IVRC0128

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IVRC0158 IDEA-IVRC0158 Datasheet
29Kb / 1P
Surface Mount LED
IVRC0198 IDEA-IVRC0198 Datasheet
26Kb / 1P
Surface Mount LED
More results

Similar Description - IVRC0128

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com