Electronic Components Datasheet Search
  English  ▼

X  

IVGC0158 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IVGC0158
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVGC0158 Datasheet(HTML) 1 Page - IDEA.lnc.

  IVGC0158 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–3
Surface Mount LED,
0158 Series “1206” Package
The 0158 series lamps are miniature chip type designed for surface mounting. These lamps are of the so-called 1206 size, measuring
approximately 1.6x3.2 mm (single color) and 2.7x3.2 mm (bi-color). They are available in EIA481 t&r packaging with 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC0158
Red
660
20
100
30
200
100
5
–
1.7
2.4
7
18
140
IVRC0158
Red
640
45
70
25
90
100
5
–
2.0
2.8
4
9
140
IVYC0158
Yellow
585
35
70
20
90
100
5
–
2.0
2.8
4
9
140
IVGC0158
Green
570
30
70
25
90
100
5
–
2.1
2.8
7
13
140
IURC0158*
Red
660
20
100
30
200
100
5
–
1.7
2.4
22
38
140
IUYC0158
Yellow
590
15
70
30
160
100
5
–
2.1
2.8
27
47
140
IUGC0158
Green
570
30
70
30
160
100
5
–
2.1
2.8
8
15
140
IVRD0158
Red
640
45
70
25
90
100
5
–
2.0
2.8
3
7
140
IVYD0158
Yellow
585
35
70
20
90
100
5
–
2.0
2.8
6
9
140
IVGD0158
Green
570
30
70
25
90
100
5
–
2.1
2.8
4
7
140
IVRVGC0158
Red
640
45
70
25
90
100
5
–
2.0
2.8
4
9
140
Green
570
30
70
25
90
100
5
–
2.1
2.8
7
13
140
ISRVGC0158
Red
660
20
100
30
200
100
5
–
1.8
2.4
10
18
140
Green
570
30
70
25
90
100
5
–
2.1
2.8
7
13
140
IUBC0158
Blue
428
65
140
30
70
50
5
-
3.8
4.5
14
18
140
IUBC0158-7
Blue
468
26
140
30
70
50
5
-
3.5
4.0
18
23
140
1.1±0.2
3.2±0.2
2.0
1.5
1.1±0.2
3.2±0.2
2.0
2.7
1.5
2.0
1.75
For reflow
2.0
2.25
1.75
For dip
2.0
1.0 typ
0.4
1.5
For reflow
Suggested solder pad dimensions
single color
bi-color
R
G
Cathode
Marking
Cathode
Marking
013S-0158


Similar Part No. - IVGC0158

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IVGC0118 IDEA-IVGC0118 Datasheet
40Kb / 2P
miniature chip type designed for surface mounting
IVGC0128 IDEA-IVGC0128 Datasheet
102Kb / 2P
miniature chip type designed for surface mounting
IVGC0128 IDEA-IVGC0128 Datasheet
26Kb / 1P
Surface Mount LED
IVGC0178 IDEA-IVGC0178 Datasheet
39Kb / 2P
miniature lens type designed for surface mounting
IVGC0198 IDEA-IVGC0198 Datasheet
26Kb / 1P
Surface Mount LED
More results

Similar Description - IVGC0158

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com