Electronic Components Datasheet Search
  English  ▼

X  

IVRC0198 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IVRC0198
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVRC0198 Datasheet(HTML) 1 Page - IDEA.lnc.

  IVRC0198 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–5
Surface Mount LED,
0198 Series “0603” Package
The 0198 series lamps are miniature chip type designed for surface mounting. These lamps measure approximately 0.8 x 1.6 mm.
These lamps are available in EIA481 tape and reel packaging with approximately 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC0198
Red
660
20
100
30
200
100
5
–
1.7
2.4
7
12
100
IVRC0198
Red
640
45
70
25
90
100
5
–
2.0
2.8
5
9
100
IVYC0198
Yellow
585
35
70
20
90
100
5
–
2.0
2.8
5
9
100
IVGC0198
Green
570
30
70
25
90
100
5
–
2.1
2.8
9
18
100
IURC0198*
Red
660
20
100
30
200
100
5
–
1.7
2.4
18
32
100
IUGC0198
Green
570
30
70
30
160
100
5
–
2.1
2.8
11
18
100
IUYC0198
Yellow
590
15
70
30
160
100
5
–
2.1
2.8
44
76
100
IUBC0198
Blue
428
65
140
30
70
50
5
-
3.8
4.5
14
18
100
IUBC0198-7
Blue
468
26
140
30
70
50
5
-
3.5
4.0
19
24
100
0.8
0.7
0.8
Suggested pad dimensions
for reflow soldering
0.8
+
-
0.8
1.6
1.2
0.8
1.0
Cathode Mark
009S-0198


Similar Part No. - IVRC0198

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IVRC0128 IDEA-IVRC0128 Datasheet
26Kb / 1P
Surface Mount LED
IVRC0158 IDEA-IVRC0158 Datasheet
29Kb / 1P
Surface Mount LED
More results

Similar Description - IVRC0198

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com