Electronic Components Datasheet Search
  English  ▼

X  

JGC058X Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JGC058X
Description  T-5/8 Surface Mounting Tape & Reel Package J Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC058X Datasheet(HTML) 1 Page - IDEA.lnc.

  JGC058X Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–15
T-5/8 Surface Mounting Tape & Reel Package J Series,
0581, 0587, 0589 Series
The 058X series of tape and reel packaged subminiature lamps are designed for automated surface mount applications. The different
series indicate lead shaping from the same LED type. When packaged in bulk without lead forming the series is 0580. These lamps are
compatible with vapor phase reflow surface mounting as well as conventional soldering. Available on 1Kpc or 5Kpc reels.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +85 °C
Lead Soldering Temperature
240 °C for 3 sec
Preheat Temperature
100 °C
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC058X
Red
632
20
60
25
160
10
5
25
172
418
2.0
2.4
30
JGC058X
Green
575
20
60
25
160
10
5
10
115
172
2.0
2.4
30
JYC058X
Yellow
591
15
60
25
160
10
5
26
172
430
2.0
2.4
30
JOC058X
Orange
621
18
60
25
160
10
5
26
172
430
2.0
2.4
30
JEC058X
OrRed
639
20
60
25
160
10
5
20
160
338
2.0
2.4
30
JYOC058X
YelOrng
611
17
60
25
160
10
5
26
172
430
2.0
2.4
30
JRC058X-6
Red
632
20
60
25
160
10
5
85
925
1420
2.0
2.4
25
Relative Intensity (%)
010
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
25
50
75
25
50
75
Ø1.9
1.1
2.5±.2
Anode(Cathode for SR)
0.5±.1
0.16
0.4±.1
0.8
2.8
1.4
0.13 max
6 max
0581 Series
4.2 max
0.13 max
0587 Series
0.2 max
7.6 max
0589 Series
2.0
013S-J058X


Similar Part No. - JGC058X

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC059X IDEA-JGC059X Datasheet
29Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package J Series
More results

Similar Description - JGC058X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
SURFACE MOUNT TAPE AND REEL
LDBK9S53 LIGITEK-LDBK9S53 Datasheet
125Kb / 7P
SURFACE MOUNT TAPE AND REEL
LDGM9353-TR1 LIGITEK-LDGM9353-TR1 Datasheet
134Kb / 8P
SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
SURFACE MOUNT TAPE AND REEL
logo
IDEA.lnc.
ISRC058X IDEA-ISRC058X Datasheet
30Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package
ISRC059X IDEA-ISRC059X Datasheet
30Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package
JRC059X IDEA-JRC059X Datasheet
29Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package J Series
logo
E-SWITCH
N802208 E-SWITCH-N802208 Datasheet
151Kb / 1P
PACKAGE: TAPE AND REEL (700 PER REEL)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com