Electronic Components Datasheet Search
  English  ▼

X  

B65803 Datasheet(PDF) 7 Page - EPCOS

Part # B65803
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65803 Datasheet(HTML) 7 Page - EPCOS

Back Button B65803 Datasheet HTML 3Page - EPCOS B65803 Datasheet HTML 4Page - EPCOS B65803 Datasheet HTML 5Page - EPCOS B65803 Datasheet HTML 6Page - EPCOS B65803 Datasheet HTML 7Page - EPCOS B65803 Datasheet HTML 8Page - EPCOS B65803 Datasheet HTML 9Page - EPCOS B65803 Datasheet HTML 10Page - EPCOS B65803 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 62317-4
■ For compact transformers with high inductance
■ Without center hole
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 1.2 mm–1
le
= 17.3 mm
Ae
= 14.5 mm2
Amin = 11.3 mm2
Ve
= 251 mm3
Approx. weight 1.2 g/set
Ungapped
Material
AL value
nH
µ
e
PV
W/set
Ordering code
T38
5000 +40/–30%
4750
B65803P0000Y038
N49
950 +30/–20%
900
< 0.04 ( 50 mT, 500 kHz, 100
°C) B65803P0000R049
N92
1000 +30/–20%
950
< 0.14 (200 mT, 100 kHz, 100
°C) B65803P0000R092
N87
1300 +30/–20%
1230
< 0.12 (200 mT, 100 kHz, 100
°C) B65803P0000R087
B65803P
Core
RM 4 »Low Profile«



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com