Electronic Components Datasheet Search
  English  ▼

X  

JRGC0118 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JRGC0118
Description  J Series Surface Mount LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JRGC0118 Datasheet(HTML) 1 Page - IDEA.lnc.

  JRGC0118 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–1
J Series Surface Mount LEDs
0118 Series “1206” Package with narrow viewing angle
The 0118 series lamps are miniature chip type designed for surface mounting. These lamps are of the so-called 1206 size, measuring
approximately 1.5x3 mm (single color) and 2.5x3 mm (bi-color). These lamps are in EIA481 tape and reel packaging with approximately
2000 pieces per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC0118
Red
632
20
60
25
160
10
5
4
29
71
2.0
2.4
20
JGC0118
Green
575
20
60
25
160
10
5
2
19
29
2.0
2.4
20
JYC0118
Yellow
591
15
60
25
160
10
5
4
29
73
2.0
2.4
20
JOC0118
Orange
621
18
60
25
160
10
5
4
29
73
2.0
2.4
20
JEC0118
OrRed
639
20
60
25
160
10
5
3
27
57
2.0
2.4
20
JYOC0118
YelOrng
611
17
60
25
160
10
5
4
29
73
2.0
2.4
20
JRGC0118
Red
632
20
60
25
160
10
5
4
29
71
2.0
2.4
20
Green
575
20
60
25
160
10
5
2
19
29
2.0
2.4
20
JEGC0118
OrRed
639
20
60
25
160
10
5
3
27
57
2.0
2.4
20
Green
575
20
60
25
160
10
5
2
19
29
2.0
2.4
20
1.7
Recommended
reflow
solder pattern
1.1
0.5 min
1.5±0.2
3.0±0.2
1.8
2.5
bi-color
R
G
Cathode
Marking
G
R
1.5±0.2
3.0±0.2
1.5
single color
Cathode
Marking
1.8
Recommended
reflow
solder pattern
013S-J0118


Similar Part No. - JRGC0118

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRGC0128 IDEA-JRGC0128 Datasheet
45Kb / 2P
right-angle bi-color miniature chip type
JRGC0158 IDEA-JRGC0158 Datasheet
41Kb / 2P
miniature chip type designed for surface mounting
JRGC0158 IDEA-JRGC0158 Datasheet
29Kb / 1P
Surface Mount LED
More results

Similar Description - JRGC0118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Panasonic Semiconductor
LNJ319G9TRA PANASONIC-LNJ319G9TRA Datasheet
109Kb / 3P
Surface Mount LEDs
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
Surface Mount LEDs
logo
AVX Corporation
RH521C226MA3RA3 AVX-RH521C226MA3RA3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
Surface Mount LEDs
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com