Electronic Components Datasheet Search
  English  ▼

X  

JGC0158 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JGC0158
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC0158 Datasheet(HTML) 1 Page - IDEA.lnc.

  JGC0158 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–4
Surface Mount LED J Series for low current or superbright use,
0158 Series “1206” Package
The 0158 series lamps are miniature chip type designed for surface mounting. These lamps are of the so-called 1206 size, measuring
approximately 1.6x3.2 mm (single color) and 2.7x3.2 mm (bi-color). These lamps are in EIA481 tape and reel packaging with 2000 pcs
per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC0158
Red
632
20
60
25
160
10
5
2
15
38
2.0
2.4
140
JGC0158
Green
575
20
60
25
160
10
5
1
10
15
2.0
2.4
140
JYC0158
Yellow
591
15
60
25
160
10
5
2
15
39
2.0
2.4
140
JOC0158
Orange
621
18
60
25
160
10
5
2
15
39
2.0
2.4
140
JEC0158
OrRed
639
20
60
25
160
10
5
2
14
30
2.0
2.4
140
JYOC0158
YelOrng
611
17
60
25
160
10
5
2
15
39
2.0
2.4
140
JRGC0158
Red
632
20
60
25
160
10
5
2
15
36
2.0
2.4
140
Green
575
20
60
25
160
10
5
1
10
15
2.0
2.4
140
JEGC0158
OrRed
639
20
60
25
160
10
5
2
14
30
2.0
2.4
140
Green
575
20
60
25
160
10
5
1
10
15
2.0
2.4
140
1.1±0.2
3.2±0.2
2.0
1.5
1.1±0.2
3.2±0.2
2.0
2.7
1.5
2.0
1.75
For reflow
2.0
2.25
1.75
For dip
2.0
1.0 typ
0.4
1.5
For reflow
Suggested solder pad dimensions
single color
bi-color
R
G
Cathode
Marking
Cathode
Marking
013S-J0158


Similar Part No. - JGC0158

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC0158 IDEA-JGC0158 Datasheet
41Kb / 2P
LED LAMPS
More results

Similar Description - JGC0158

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com