Electronic Components Datasheet Search
  English  ▼

X  

B65887 Datasheet(PDF) 5 Page - EPCOS

Part # B65887
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887 Datasheet(HTML) 5 Page - EPCOS

  B65887 Datasheet HTML 1Page - EPCOS B65887 Datasheet HTML 2Page - EPCOS B65887 Datasheet HTML 3Page - EPCOS B65887 Datasheet HTML 4Page - EPCOS B65887 Datasheet HTML 5Page - EPCOS B65887 Datasheet HTML 6Page - EPCOS B65887 Datasheet HTML 7Page - EPCOS B65887 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/07
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
■ With ground terminal, made of stainless spring steel (tinned), 0.5 mm thick
■ Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Insulating washer for double-clad PCBs
■ Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
°C), 0.3 mm thick
Makrofol FR, [E118859 (M)], natural color, BAYER MATERIALSCIENCE L L C
Clamp
Ordering code
Clamp (ordering code per piece, 2 are required)
B65888A2002X000
Insulating washer (bulk)
B65888B2005X000
FRM0142-C
0,9x0,5
8±0,1
FRM0315-S
_
30
0.3
0.2
36.8 _
Insulating washer
B65888
Accessories
RM 14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com