Electronic Components Datasheet Search
  English  ▼

X  

SA06L13 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SA06L13
Description  6~15 Watts Switching Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA06L13 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SA06L13 Datasheet HTML 1Page - Bothhand USA, LP. SA06L13 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA06L
Series
6~15 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 180g only
●Efficiency Over 70%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SA06L3V3
SA06L05~07
SA06L08~10
SA06L11~13
Output Voltage
+3.3V
+5V~7V
+8V~10V
+11V~13V
Output Rating
2.0A
10W Max
10W Max
15W Max
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
0.5A Maximum
Inrush Current
40A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Typical
Efficiency
68%~79% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
7V~26V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. U
UL, CUL, TUV, CB, LPS, BSMI, CE, PSE
UL, CUL, TUV, CB, LPS,
BSMI, CE, FCC, PSE
Fig. V
Safety Description
Fig. W
UL, CUL, TUV, CB, LPS, BSMI, CE
(*): Under Development
(I/P): In Process


Similar Part No. - SA06L13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
More results

Similar Description - SA06L13

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
15~18 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
5~7.5 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
10~15 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
30~42 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
36 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
15 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
6~15 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
20 Watts Switching Adapter
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
30 Watts Switching Adapter
SA073V3 BOTHHAND-SA073V3 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com