Electronic Components Datasheet Search
  English  ▼

X  

B81123 Datasheet(PDF) 2 Page - EPCOS

Part # B81123
Description  EMI Suppression Capacitors (MKP)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123 Datasheet(HTML) 2 Page - EPCOS

  B81123_09 Datasheet HTML 1Page - EPCOS B81123_09 Datasheet HTML 2Page - EPCOS B81123_09 Datasheet HTML 3Page - EPCOS B81123_09 Datasheet HTML 4Page - EPCOS B81123_09 Datasheet HTML 5Page - EPCOS B81123_09 Datasheet HTML 6Page - EPCOS B81123_09 Datasheet HTML 7Page - EPCOS B81123_09 Datasheet HTML 8Page - EPCOS B81123_09 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
Y1 class for interference suppression
"Line to ground" applications
Climatic
Max. operating temperature: 100
°C
Climatic category (IEC 60068-1): 40/100/21
Construction
Dielectric: polypropylene (MKP)
Internal series connection
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Self-healing properties
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
cap. tolerance (code letter),
rated AC voltage,
series number, sub-class (Y1),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing".
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter d1
15, 22.5
0.8
Marking example
Approvals
Approval marks
Standards
Certificate
EN 60384-14, IEC 60384-14
138584
UL 1414 (double protection)
E97863
EMI suppression capacitors (MKP)
B81123
Y1 / 250 V AC
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com