Electronic Components Datasheet Search
  English  ▼

X  

2991 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2991
Description  Outdoor Enclosure
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2991 Datasheet(HTML) 1 Page - Emcore Corporation

  2991 Datasheet HTML 1Page - Emcore Corporation 2991 Datasheet HTML 2Page - Emcore Corporation 2991 Datasheet HTML 3Page - Emcore Corporation 2991 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET| DECEMBER 27, 2007
Applications
TVRO
Broadcast
Earth Stations
Headends
VSAT
GPS
Features
Weather Sealed
Summary Alarm
Redundant Power Supplies
AC input of 95 to 264 VAC
LNB Power
Hot-swappable PS, Tx, & Rx
Modular, Field-configurable
Lightning Protected RF
Discrete M&C Interface
Local RS-232 Interface
Model 3091A Outdoor Enclosure
for L–Band Links using the 2991T/R
EMCORE’s Model 3091A Outdoor Enclosure (ODU) provides power
and environmental protection for up to four 2991 transmitters or
receivers. With a weather-tight seal and all the necessary internal
connections and mounting hardware, these ODU’s may be placed
directly at the antenna to provide greater flexibility in design.
Two AC to DC power supplies drive the four transmitters or receivers
and provide enough additional current for four LNB’s. Further, these
power supplies are redundant, hot swappable and monitored with a
summary alarm, so if one fails the facility staff can replace it and still
maintain 100% signal availability. The individual transmitters and
receivers also are hot swappable, thus can be replaced or reconfigured
without upsetting any of the other RF paths.
Performance Highlights
Min
Typical
Max
Units
AC Input
95
--
240
VAC
LNB Power, total for all outputs
--
--
24
--
--
1.2
V
A
Ambient Air Temperature
-30
--
50
°C
Summary Alarm & Discrete Monitors
Fiber
Feed
Through
J1
AC 1
In
J3
RF 1
J4
RF 2
J5
RF 3
J6
RF 4
J11
Discrete
M&C
PS #1
PS #2
Tx/Rx
Unit 1
Tx/Rx
Unit 2
Tx/Rx
Unit 4
Tx/Rx
Unit 3
DC Monitor & Bias
Board


Similar Part No. - 2991

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2991 ALPHAWIRE-2991 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
2991 ADAFRUIT-2991 Datasheet
198Kb / 3P
USB Mini Hub with Power Switch - OTG Micro-USB
2/24/2016
logo
Keystone Electronics Co...
2991 KEYSTONE-2991 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Amphenol Corporation
2991-6002 AMPHENOL-2991-6002 Datasheet
105Kb / 1P
SMA JACK TO JACK BULKHEAD ADAPTER HERMETIC SEAL
logo
TE Connectivity Ltd
299139-1 TEC-299139-1 Datasheet
95Kb / 1P
WASHER SEAL PANEL MOUNT NECTOR* M-LINE
More results

Similar Description - 2991

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX80 ASTEC-LPX80 Datasheet
742Kb / 1P
ENCLOSURE
logo
Altech corporation
K70 ALTECH-K70 Datasheet
4Mb / 68P
Enclosure
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
Enclosure
logo
Emcore Corporation
3091A EMCORE-3091A Datasheet
145Kb / 6P
Outdoor Enclosure for 2991 L.Band Links
logo
Level One
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
BOH-1410 LVL1-BOH-1410_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure, FEVE Coating
BOH-1411 LVL1-BOH-1411_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs, FEVE Coating
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
List of Unclassifed Man...
PMF100600 ETC-PMF100600 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com