Electronic Components Datasheet Search
  English  ▼

X  

3000LB-SCNN Datasheet(PDF) 2 Page - Emcore Corporation

Part # 3000LB-SCNN
Description  Long Range L-Band Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3000LB-SCNN Datasheet(HTML) 2 Page - Emcore Corporation

  3000LB-SCNN Datasheet HTML 1Page - Emcore Corporation 3000LB-SCNN Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Min
Typ
Max
Units
Channel Loading
110
Bandwidth (110 Ch)
40
870
MHz
Operating Wavelength
1290
1310
1330nm
Required Fiber Bandwidth
2,000
MHz
Input/Output Impedance
75
Ohms
Side Mode Suppression Ratio
30
dB
Back Reflection Tolerance
-50 dB
CSO
-65
dB
CTB
-69
dB
Rev. 1.3 01/17/05
Min
Typ
Max
Units
Power Supply Voltage
120
240
VAC
Power Supply Frequency
50
60
Hz
Power Dissipation
25
Watts
Fuse Rating (Slow Blow)
1.25
A
Operating Temp. Range
0
+45
°C
Storage Temp Range
-20
+70
°C
Humidity
0
90
%
Weight
5.5
lbs.
2.5
kg
Dimensions
19 x 1.72 x 14.1
in.
483 x 44 x 358
mm
Electrical, Environmental, and Physical Characteristics*
110 Channel SM 1310 nm Transmitter P/N*
Optical Characteristics*
*System performance specifications indicated for use with 9/125 µm single-mode fiber.
FC/APC optical connectors and other optical output powers are available for the transmitter. Please see IOM2804 for complete transmitter part numbers.
The PDS transmitter is designed to operate with the Model 2807 and/or Model 2808 CATV receivers. See IOM2807 and IOM2808 for complete details.
20
25
30
35
40
45
0
102030
4050
60
70
80
90
100 110
Total Number of Input Channels
Model 2804 Transmitter Front and Rear Views
Tx Options
+6 dBm Opt. Output
2804TH-SCSP/06
2804TH-SCSP/08
2804TJ-SCSP/10
2804TK-SCSP/12
2804TL-SCSP/13
+8 dBm Opt. Output
+10 dBm Opt. Output
+12 dBm Opt. Output
+13 dBm Opt. Output
Tx, 1RU, SM, 1310 nm
Specifications and Ordering Information
Specifications and Ordering Information
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
Force
Optical Broadcast Systems
Force, Incorporated reserves the right to make changes to the product described in this document in the interest of product improvement.
© 2005 by Force, Incorporated.
All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com