Electronic Components Datasheet Search
  English  ▼

X  

3000LB-SCNN Datasheet(PDF) 3 Page - Emcore Corporation

Part # 3000LB-SCNN
Description  Long Range L-Band Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3000LB-SCNN Datasheet(HTML) 3 Page - Emcore Corporation

  3000LB-SCNN Datasheet HTML 1Page - Emcore Corporation 3000LB-SCNN Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
Transmits up to 110 channels over
one single-mode fiber.
VSB/AM transmission ensures
compatibility with standard CATV
modulators, processors, etc.
The transmitter includes status indicator
LEDs that provide easy assessment of
the link's performance.
Excellent for structured in-building premise
wiring video distribution.
CATV HFC distribution network, distance
learning, CCTV video surveillance, campus
video distribution, teleconferencing, and more.
High capacity backbone transport for multiple
data services (RS-232, T1/E1, Ethernet, etc.)
via CATV RF modem.
The Force CATV
Model 2805 110 Channel CATV Private Network Solution (PNS) transmitter is part
of a robust system for transferring up to 110 channels of VSB/AM modulated signals over a single-mode
optical fiber. The system provides 40-870 MHz of usable bandwidth for video signals stacked at 6 MHz
intervals. A low loss single-mode optical fiber allows full channel loading to beyond 20 km while
maintaining a good carrier-to-noise ratio.
provides excellent performance for many
demanding applications such as broadband LANs, distance learning, and multiple data services.
Linx
®
The Model 2805 may be used with the Model 2807 mini-
node receiver for use in return path and multiple splitter applications or with the Model 2808 receiver for
basic 110 channel CATV transmission. In all cases, the link
Model 2805 Transmitter
CATV
Model 2805
Head End
RF
Combiner
Model 2805
Tx
CATVLinx
®
Model 2808
Rx
CATVLinx
®
Model 2808
Rx
CATVLinx
®
Model 2808
Rx
CATVLinx
®
Model 2808
Rx
CATVLinx
®
Local
Cable
Provider
RF
Amplifier
RF
Amplifier
RF
Amplifier
RF
Amplifier
Modulator
Modulator
Video Server
CATV Transmitter
Force
Optical Broadcast Systems
Force, Incorporated reserves the right to make changes to the product described in this document in the interest of product improvement.
© 2005 by Force, Incorporated.
All rights reserved.
825 Park Street, Christiansburg, VA 24073 • USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392 •csr-sales@forceinc.com • www.forceinc.com
• Request Pricing
• Download User Manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com