Electronic Components Datasheet Search
  English  ▼

X  

EOS-6000 Datasheet(PDF) 3 Page - Emcore Corporation

Part # EOS-6000
Description  Optical A/B Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

EOS-6000 Datasheet(HTML) 3 Page - Emcore Corporation

  EOS-6000 Datasheet HTML 1Page - Emcore Corporation EOS-6000 Datasheet HTML 2Page - Emcore Corporation EOS-6000 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
PRELIMINARY DATA SHEET | JULY 7, 2008
EOS-6000 Optical A/B Switch
Model Number Information (note 1)
Operating
Wavelenghth
Optics
Power
Supply
Switching
Threshold range
Emcore Logo
3 – 1310nm
1 –
SC/APC
1 – AC
1 – [-30, -10] dBm 0 – No
5 – 1550nm
2 –
FC/APC
2 – DC
2 – [-20, 0] dBm
2 – Yes
3 –
SC/UPC
3 – [-10, 10] dBm
4 –
FC/UPC
4 – [0, 20] dBm
Note 1: Not all configurations are available - contact factory.
Example: 6000-0S5-1232
1550nm, SC/APC connectors, DC power supply, -10 to + 10 dBm input range, Emcore Logo.
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com