Electronic Components Datasheet Search
  English  ▼

X  

LTL2R3KG Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2R3KG
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3KG Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2R3KG Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3KG Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
60
mA
DC Forward Current
30
mA
Derating Linear From 50℃
0.4
mA/℃
Reverse Voltage
5
V
Operating Temperature Range
-40
to + 100
℃℃
Storage Temperature Range
-55
to + 100
℃℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
for 5 Seconds
℃
Part No. : LTL2R3KG
Page :
2
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com