Electronic Components Datasheet Search
  English  ▼

X  

B1-2412SS Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B1-2412SS
Description  B1-Sil Series 1 Watt Isolated DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-2412SS Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B1-2412SS Datasheet HTML 1Page - Bothhand USA, LP. B1-2412SS Datasheet HTML 2Page - Bothhand USA, LP. B1-2412SS Datasheet HTML 3Page - Bothhand USA, LP. B1-2412SS Datasheet HTML 4Page - Bothhand USA, LP. B1-2412SS Datasheet HTML 5Page - Bothhand USA, LP. B1-2412SS Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B
m
4. Model Selection Guide:
:
:
:
4.1. 1K Vdc Isolation - Single output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max.
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B1-0505SS
5.0
200
30
253
60
± 8
79
B1-0512SS
5
12.0
84
28
255
100
± 8
79
B1-1205SS
5.0
200
18
105
60
± 8
79
B1-1212SS
12
12.0
84
18
104
100
± 8
80
B1-243R3SS
3.3
303
5
56
50
± 8
74
B1-2405SS
5.0
200
4
54
60
± 8
77
B1-2412SS
24
12.0
84
4
55
100
± 8
76
B1-xxxxSS
Notes:
1.
Standard output Voltage is 3.3V, 5V, 12V, 15V,
B1-xxxxSS is for Customer Design.
2.
Load regulation is for output current change from 20 % to 100 % Max. Load.
Mechanical Dimension:
:
:
:
Pin
1K Vdc - Single
1
+Vin
2
-Vin
3
---
4
Vo (-)
5
---
6
Vo (+)
7
---
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com