Electronic Components Datasheet Search
  English  ▼

X  

PIC8518 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PIC8518
Description  High Efficiency, Fixed Frequency WLED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PIC8518 Datasheet(HTML) 2 Page - Power IC Ltd.

  PIC8518 Datasheet HTML 1Page - Power IC Ltd. PIC8518 Datasheet HTML 2Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIC8518
High Efficiency, Fixed
Frequency WLED Driver
ELECTRICAL CHARACTERISTICS
(All specifications are at TA = +25°C. VIN = 5.0V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.5
5.5
V
UVLO
Under Voltage Lock-out
VIN going Low
2.2
2.4
V
UVLO Hysteresis
80
mV
Iq
Supply Current(quiescent)
No Switching
(VIN=5V,VFB=150mV)
235
260
µA
ISH
Supply Current(shut-down)
VEN = 0
0.4
1
µA
FOSC
Operation Frequency
1.04
1.2
1.4
MHz
DMAX
Maximum Duty Cycle
85
95
%
VFB
Feedback Voltage
94
104
114
mV
Feedback Input Bias Current
VFB=125mV
600
1040
nA
RDS(ON)
MOSFET ON resistance
0.53
Ω
ILIM
Current Limit
850
mA
VOV
Over Voltage Threshold
VOV rising
30
V
VEN Rising
1
1.35
1.6
VEN
Enable Threshold
VEN Rising, VIN=2.5V
0.8
V
IEN
Enable Input Bias Current
VEN = 5V
6.5
µA
EN Hysteresis
4
mV
Thermal Shut-down
165
°C
www.picsemi.com
Road-8, House-2/A, Baridhara Diplomatic Area, Dhaka-1212, Phone: +880-2- 8861966, Fax: +880-2-8835244
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com