Electronic Components Datasheet Search
  English  ▼

X  

PIC9310 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PIC9310
Description  Async Boost with 600KHz switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PIC9310 Datasheet(HTML) 1 Page - Power IC Ltd.

  PIC9310 Datasheet HTML 1Page - Power IC Ltd. PIC9310 Datasheet HTML 2Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
PFM control Asynchronous Booster
Up to 86% Efficiency
Quiescent Supply Current: 4.5µA
Zero Shutdown current
Output Voltage Accuracy: ±1%
Fixed Output Voltage
Provides 20mA from single AAA cell
Input Voltage Range: 0.8V to 5.5V
Startup Voltage : 0.9V
6L SOT-26 Package
APPLICATIONS
Cellular and cordless phones
Wireless LAN cards
Palmtop computers
Personal communication equipment
Pen drives
Bluetooth devices
DESCRIPTION
The PIC9310 compact, high-efficiency, step-up DC-
DC converters are available in tiny, 6-pin thin
SOT26 packages. They feature an extremely low
5µA quiescent supply current to ensure the highest
possible
light-load
efficiency.
Optimized
for
operation from one to two alkaline or nickel-metal-
hydride (NiMH) cells, or a single Li+ cell, these
devices are ideal for applications where extremely
low quiescent current and ultra-small size are
critical.
The PIC9310 also feature proprietary noise-
reduction
circuitry,
which
suppresses
electromagnetic interference (EMI) caused by the
inductor in many step-up applications. The family
offers different combinations of fixed outputs,
shutdown, and EMI reduction (see Selector Guide).
Its unique design is optimized for high efficiency at
light load condition.
TYPICAL APPLICATION CIRCUIT
Async Boost with 600KHz
switching
PIC9310
www.picsemi.com
Road-8, House-2/A, Baridhara Diplomatic Area, Dhaka-1212, Phone: +880-2- 8861966, Fax: +880-2-8835244
1


Similar Part No. - PIC9310

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC96337 KODENSHI-PIC96337 Datasheet
154Kb / 3P
Zero sensitivity in a long wavelength domain
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
More results

Similar Description - PIC9310

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Linear Technology
LT1614 LINER-LT1614_1 Datasheet
266Kb / 16P
Inverting 600kHz Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Technology
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
Inverting 600kHz Switching Regulator
logo
Maxim Integrated Produc...
MAX17501A MAXIM-MAX17501A Datasheet
1Mb / 10P
600kHz Switching Frequency
Rev 1; 10/13
MAX17501G MAXIM-MAX17501G Datasheet
1Mb / 8P
600kHz Switching Frequency
Rev 0; 11/12
MAX15026BEVKIT MAXIM-MAX15026BEVKIT Datasheet
236Kb / 10P
600kHz Switching Frequency
Rev 0; 6/08
MAX17014EVKIT MAXIM-MAX17014EVKIT Datasheet
212Kb / 11P
1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com