Electronic Components Datasheet Search
  English  ▼

X  

FD2046LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FD2046LF
Description  10 BASE-T, SIL FILTER(WITH 2 COMMON CHOKE) APPLY TO GENERIC IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FD2046LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FD2046LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FD2046 LF DATA SHEET
Feature
l
IEEE 802.3 and IEEE 802.5 compatible.
l
Designed to meet AMD AM79C98, AT & T T7220 & NS
DP83922 Chip sets requirements and meet FCC Class B.
l
Integrated filter and isolation function in 10 PIN SIL package.
l
Low insertion loss characteristics.
l
Cost effective designs.
l
Receiving & Transmitting side both with common mode choke.
l
Compliant with RoHS requirements.
l
Lead free for external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
CUT-OFF
Frequency
TX/RX
Group delay change
(nS Max)
1-10MHz
HI-POT
(Vrms)
FD2046 LF
1:1
1:1
17MHz±1.5MHz
4.0
-30
2000
Continue
CMR (dB Min)
Insertion Loss
(dB Max) TX/RX
Return Loss
(dB Min) TX/RX
Attenuation (dB Min) TX/RX
TX
RX
Part
Number
1-10MHz
1-10MHz
20MHz
30MHz
40MHz
30-70MHz
70-100MHz
FD2046 LF
-1.0
-14
-5/-5
-27/-20
-35/-31
-35
-30
Schematic
Mechanica
l
Bothhandusa.com
10 BASE-T, SIL FILTER(WITH 2 COMMON
CHOKE) APPLY TO GENERIC IC
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FD2046LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FD2046 BOTHHAND-FD2046 Datasheet
27Kb / 1P
10 BASE-T, SIL FILTER (WITH 2 COMMON CHOKE)
More results

Similar Description - FD2046LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2026-1 BOTHHAND-FS2026-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FD2046 BOTHHAND-FD2046 Datasheet
27Kb / 1P
10 BASE-T, SIL FILTER (WITH 2 COMMON CHOKE)
FS2009E BOTHHAND-FS2009E Datasheet
266Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2022-2 BOTHHAND-FS2022-2 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD FILTER P/N:FS2022-2:APPLY TO GENERIC IC
FS2022BLF BOTHHAND-FS2022BLF Datasheet
268Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2022D BOTHHAND-FS2022D Datasheet
267Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2022LF BOTHHAND-FS2022LF Datasheet
287Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2023A BOTHHAND-FS2023A Datasheet
170Kb / 1P
10 BASE-T LAN MAGNETICS APPLY TO GENERIC IC
FS2023BM BOTHHAND-FS2023BM Datasheet
184Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
FS2024 BOTHHAND-FS2024_1 Datasheet
177Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com