Electronic Components Datasheet Search
  English  ▼

X  

FS1124 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS1124
Description  10 BASE-T ETHERNET SMD PCMCIA FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS1124 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS1124_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FS1124 APPLY TO GENERIC IC
Feature
!
Designed for 10 BASE-T, PCMCIA ICs application.
!
Fully compatible with IEEE 802.3 standard.
!
14-PIN SMD low profile package with height 2.5mm Max.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
CUT-OFF
Frequency
TX/RX
1-10 MHz
HI-POT
(Vrms)
FS1124
1CT:1
1CT:1
17 MHz ± 1.5MHz
-30
1500
Continue
Insertion Loss
TX/RX(dB Max)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Min)
CMR
TX/RX(dB Min)
Part
Number
1–10MHz
5-10MHz
20MHz
25MHz
30MHz
40MHz
30-100MHz
FS1124
-1.0
-13
-4.5/-5
-18/-11
-28/-16
-33/-26
-30
Schematic
Mechanica
l
Bothhandusa.com
10 BASE-T ETHERNET SMD PCMCIA FILTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FS1124_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS1124 BOTHHAND-FS1124 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD PCMCIA FILTER
More results

Similar Description - FS1124_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2007R BOTHHAND-FS2007R Datasheet
222Kb / 2P
10 BASE-T ETHERNET SMD FILTER
FS2022-1 BOTHHAND-FS2022-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-1 BOTHHAND-FS2022B-1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-2 BOTHHAND-FS2022B-2 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022C BOTHHAND-FS2022C Datasheet
36Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS1124 BOTHHAND-FS1124 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD PCMCIA FILTER
FS2022-2 BOTHHAND-FS2022-2_1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B_2 Datasheet
183Kb / 1P
10 BASE-T ETHERNET SMD FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com