Electronic Components Datasheet Search
  English  ▼

X  

SS2 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # SS2
Description  Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

SS2 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  SS2 Datasheet HTML 1Page - Jauch Quartz Gmbh SS2 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marking
frequency with load capacitance code
company code / date code / internal code
Jan.
Febr.
Mar.
Apr.
May
June
July
Aug.
Sept.
Okt.
Nov.
Dec.
2005
A
B
C
D
E
F
G
H
J
K
L
M
2006
N
P
Q
R
S
T
U
V
W
X
Y
Z
2007
a
b
c
d
e
f
g
h
j
k
l
m
2008
n
p
q
r
s
t
u
v
w
x
y
z
Quartz Crystal · SS2 · Automotive Applications
in mm
Load Capacitance Codes
12.7±1.0
6.35±1.3
12.7±1.0
3.85±1.7
ø 4,0±0.2
0±2.0
Direction of feed
Taping Specification
12 pF: a
13 pF: v
14 pF: x
15 pF: j
16 pF: b
17 pF: t
30 pF: .
32 pF: e
series: s
T: 3rd OT
18 pF: f
20 pF: c
22 pF: g
24 pF: d
25 pF: r
27 pF: w
example 4.0 MHz / 12 pF: 4a000
Jauch Quartz GmbH • e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
ca. 3.5 °C/s
ca. 2.0 °C/s
ca. 5.0 °C/s
150
260
50
100
200
0
20
time (seconds)
60
100
140
180 220
Wave Soldering Profile



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com