Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # HC49
Description  Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

HC49 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  HC49 Datasheet HTML 1Page - Jauch Quartz Gmbh HC49 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH • e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
ESR (series resistance Rs)
Quartz Crystal · SS4
■ taped version available
■ wave soldering temperature: 260 °C max.
■ package height 3.6 mm max.
actual size
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
MP = middle pin
TR = taped
TA = taped, ammo pack
KIS = spacer
IS = insulation spacer
LL = lead length in mm
PT = plastic tray
Order Information
Example: Q 30.0-SS4-30-30/30-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
in pF
Quartz
3.2768 ~ 64.0 MHz
SS4
12 pF ~ 32 pF
S for series
30 = ± 30 ppm std
see table
option
stability at
25 °C
stability vs.
temp. range
General Data
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
SS4
(HC49/U4H)
3.2768 ~ 40.0 MHz
( fund. AT-cut )
27.0 ~ 64.0 MHz
( 3rd OT. AT-cut )
± 10 ppm ~ ± 30 ppm
12 pF ~ 32 pF or series
< 5 pF
-40 °C ~ +90 °C
500 µW
(100 µW recommended)
< ± 5 ppm first year
Frequency Stability vs. Temperature
-20 °C ~ +70 °C STD
-40 °C ~ +85 °C
T1
± 20 ppm
± 30 ppm
± 50 ppm
± 100 ppm
O> 8.0 MHz
•≥8.0MHz •<8.0MHz
O≥ 8.0 MHz
O≥ 8.0 MHz
O
4.65±0.1
12.0 min.
3.6 max.
Dimensions
in mm
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
3.2768 ~ 3.999 fund.- AT
200
100
4.000 ~ 4.499
fund.- AT
120
60
4.500 ~ 5.999
fund.- AT
100
50
6.000 ~ 6.999
fund.- AT
80
40
7.000 ~ 9.999
fund.- AT
70
35
10.00 ~ 13.99
fund.- AT
50
25
14.00 ~ 40.00
fund.- AT
40
20
27.00 ~ 64.00 3rd OT - AT
120
80
note: taping specification- see www.jauch.de
• standard
O
available
Pin Type Crystal
· 11.35 x 4.65 mm


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com