Electronic Components Datasheet Search
  English  ▼

X  

MMTF32 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # MMTF32
Description  Quartz Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

MMTF32 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  MMTF32 Datasheet HTML 1Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jauch Quartz GmbH • e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal · MMTF32
6.0+0.1/-0.2
7.5±1.0
in mm
Dimensions
Marking
Date code ( month / year )
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
ca. 3.5 °C/s
ca. 2.0 °C/s
ca. 5.0 °C/s
150
260
50
100
200
0
20
time (seconds)
60
100
140
180 220
Wave Soldering Profile
Frequency Stability vs. Temperature
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
• standard
- 80 ppm
- 160 ppm
•
•
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Order Information
Example: Q 0.032768-
MMTF32-12.5-30
(Suffix LF = RoHS compliant / Pb free pads)
Q
frequency
type
load capacitance
Quartz
0.032768 MHz
MMTF32
6 pF ~ 12.5 pF
10.0 pF Std.
12.5 pF Std.
20 = ± 20 ppm
10 = ± 10 ppm
option
stability at
25 °C
actual size
Tuning Fork Crystal · 2.0 x 6.0 mm
■ 2 x 6 mm cylinder type
■ 32.768 kHz standard
General Data
MMTF32
32.768 kHz
(28.0 ~ 80.0 kHz on request)
± 10 ppm / ± 20 ppm
10 pF / 12.5 pF (6 pF ~ 12.5 pF)
-0.04 · 10-6 /°C
2 max.
-0.034 · 10-6 /°C
2 typical
f (ppm) = -0.04 ( 25 °C - T )
2
T = requested temperature
-20 °C ~ +70 °C / -40 °C ~ +85 °C
1.1 pF typical
30.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
type
frequency
frequency tolerance at 25 °C ± 5 °C
load capacitance CL
temperature constant
frequency temperature characteristic
operating tenperature range
shunt capacitance Co
series resistance max. ( ESR )
storage temperature
drive level max.
aging first year
heat isolating material
PC board
crystal
glue
Mounting
Mounting: if the crystal should be mounted vertically to your board (see picture), do not directly
solder the metal can. The crystal may be overheated by the direct heat flow.
Please use glue (hot-melt adhesive) or mechanical clamping to fasten the metal can.


Similar Part No. - MMTF32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMTF32 ETC2-MMTF32 Datasheet
117Kb / 2P
Tuning Fork Quartz Crystal
More results

Similar Description - MMTF32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com