Electronic Components Datasheet Search
  English  ▼

X  

B57276K Datasheet(PDF) 3 Page - EPCOS

Part # B57276K
Description  NTC thermistors for temperature measurement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57276K Datasheet(HTML) 3 Page - EPCOS

  B57276K Datasheet HTML 1Page - EPCOS B57276K Datasheet HTML 2Page - EPCOS B57276K Datasheet HTML 3Page - EPCOS B57276K Datasheet HTML 4Page - EPCOS B57276K Datasheet HTML 5Page - EPCOS B57276K Datasheet HTML 6Page - EPCOS B57276K Datasheet HTML 7Page - EPCOS B57276K Datasheet HTML 8Page - EPCOS B57276K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
General technical data
Climatic category
(IEC 60068-1)
10/100/56
Max. power
(at 25
°C)
P25
500
mW
Resistance tolerance
∆R
R/RR
±2
%
Dissipation factor
(in water)
δ
th
approx. 20
mW/K
Thermal time constant
(in water)
τ
a
approx. 20
s
Heat capacity
Cth
approx. 500
mJ/K
Insulation resistance
(V = 100 V DC)
Rins
> 1000
M
Ω
Test voltage
(t = 1 s)
Vtest
3750
V AC
Electrical specification and ordering codes
TR
°C
RR
Ω
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
RAST 2.5 connector
60
1204
4829
2003
3980
±1%
B57276K0482A007
60
3243
11981
2901
3760
±1.5% B57276K0123A028
RAST 5 connector
63
1082
4829
2003
3980
±1.5% B57276K0482A009
60
3243
11981
2901
3760
±1.5% B57276K0123A024
Temperature measurement
B57276K
Probe assemblies
K276
Page 3 of 11
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com