Electronic Components Datasheet Search
  English  ▼

X  

B57301K Datasheet(PDF) 3 Page - EPCOS

Part # B57301K
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57301K Datasheet(HTML) 3 Page - EPCOS

  B57301K Datasheet HTML 1Page - EPCOS B57301K Datasheet HTML 2Page - EPCOS B57301K Datasheet HTML 3Page - EPCOS B57301K Datasheet HTML 4Page - EPCOS B57301K Datasheet HTML 5Page - EPCOS B57301K Datasheet HTML 6Page - EPCOS B57301K Datasheet HTML 7Page - EPCOS B57301K Datasheet HTML 8Page - EPCOS B57301K Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at maximum operating
temperature
T: 110
°C
t: 1000 h
< 2%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 2%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature: 20
°C
Upper test temperature: 90
°C
Dwell time: 15 s
Time to change from lower to
upper temperature: approx. 5 s
Number of cycles: 60 000
Medium: ethyleneglycol/water
(metal head immersed to the
liquid medium up to the sealing)
< 2%
No visible
damage
Storage in water
Temperature of water: 80
°C
t: 1000 h
Applied voltage with drop resistor
3.9 k
Ω: 5 V DC
(metal head immersed to the
liquid medium up to the sealing)
< 2%
No visible
damage
Vibration
resistance
IEC
60068-2-6
Frequency range: 10 to 1000 Hz
Amplitude: 1.5 mm, 10 g
Duration: 3 x 4 h
< 2%
No visible
damage
Voltage proof test
2500 V AC
1 s
No flashover
Temperature measurement
B57301K
Probe assemblies with O-ring sealing
K301-A001
Page 3 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com