Electronic Components Datasheet Search
  English  ▼

X  

B57703M Datasheet(PDF) 2 Page - EPCOS

Part # B57703M
Description  NTC thermistors for temperature measurement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57703M Datasheet(HTML) 2 Page - EPCOS

  B57703M Datasheet HTML 1Page - EPCOS B57703M Datasheet HTML 2Page - EPCOS B57703M Datasheet HTML 3Page - EPCOS B57703M Datasheet HTML 4Page - EPCOS B57703M Datasheet HTML 5Page - EPCOS B57703M Datasheet HTML 6Page - EPCOS B57703M Datasheet HTML 7Page - EPCOS B57703M Datasheet HTML 8Page - EPCOS B57703M Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1) Depends on mounting situation.
Applications
Surface temperature measurement,
e.g. on housings and heat sinks
Features
High accuracy
Easy mounting
Good thermal coupling through metal tag
Thermistor encapsulated in metal-tag case
PTFE-insulated leads of silver-plated
nickel wire, AWG 30
UL approval (E69802)
Options
Alternative resistance ratings, rated
temperatures, resistance tolerances, lead
lengths and AWG 26 or AWG 28 stranded
wires available on request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 0.8 g
General technical data
Climatic category
(IEC 60068-1)
55/125/56
Max. power
(at 25
°C)
P25
150
mW
Resistance tolerance
∆R
R/RR
±2
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
1)
approx. 3
mW/K
Thermal cooling time constant
(in air)
τ
c
1)
approx. 50
s
Heat capacity
Cth1)
approx. 150
mJ/K
Test voltage
(t = 1 s)
Vtest
1000
V AC
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
5 k
8016
3988
±1%
B57703M0502G040
10 k
8016
3988
±1%
B57703M0103G040
30 k
8018
3964
±1%
B57703M0303G040
Temperature measurement
B57703M
Probe assemblies
M703
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com