Electronic Components Datasheet Search
  English  ▼

X  

B84263 Datasheet(PDF) 12 Page - EPCOS

Part # B84263
Description  Filters for Power Lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84263 Datasheet(HTML) 12 Page - EPCOS

Back Button B84263 Datasheet HTML 8Page - EPCOS B84263 Datasheet HTML 9Page - EPCOS B84263 Datasheet HTML 10Page - EPCOS B84263 Datasheet HTML 11Page - EPCOS B84263 Datasheet HTML 12Page - EPCOS B84263 Datasheet HTML 13Page - EPCOS B84263 Datasheet HTML 14Page - EPCOS B84263 Datasheet HTML 15Page - EPCOS B84263 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Dimensional drawing 7 (cable glands at both ends)
4 x 40 A
B84263C1400E003
Œ Input end:
Cable gland PG 29/21
(PG 29 mounted, PG 21 and reducer ring in accessory bag)
 Shielded end:
Cable gland PG 29/21
(cable gland PG 29, PG 21 and reducer ring in accessory bag)
Paint color: RAL 7035 (light gray, semigloss)
Fixing dimensions
The cable glands (with cutout sealing ring) are suitable for the following overall cable diameter:
PG 29
17 to 19 mm
20 to 22 mm
23 to 25 mm
26 to 28 mm
PG 21
9 to 11 mm
12 to 14 mm
15 to 17 mm
18 to 20 mm
RF-tight connection to shielding wall with connector fitting, see page 16.
Filters for power lines (low leakage current)
B84263
16 to 100 A, 100 dB from 14 kHz
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com