Electronic Components Datasheet Search
  English  ▼

X  

N27 Datasheet(PDF) 4 Page - EPCOS

Part # N27
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N27 Datasheet(HTML) 4 Page - EPCOS

  N27 Datasheet HTML 1Page - EPCOS N27 Datasheet HTML 2Page - EPCOS N27 Datasheet HTML 3Page - EPCOS N27 Datasheet HTML 4Page - EPCOS N27 Datasheet HTML 5Page - EPCOS N27 Datasheet HTML 6Page - EPCOS N27 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
N27
SIFERRIT materials
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
DC magnetic bias
measured on ETD cores
(B
≤ 0.25 mT, f = 10 kHz, T = 25 °C)
FAL0730-4
10
µ
H
10 1
0
A/m
DC
rev
5
10 2
10 3
10 4
5
5
µe = 50
100
200
500
101
102
103
104
555
1500
1000
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 100 °C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com