Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM5259
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM5259 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM5259 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM5259 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM5259 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal
Zener
Voltage
Test
Current
Typical
temperature
coefficient
Maximum
regulator
Current
ZMM5225
3.0
20
0.95
1.0
152
50
1600
-0.075
20
0.95
1.0
138
25
1600
-0.070
20
0.95
1.0
126
15
1700
-0.065
20
0.95
1.0
115
10
1900
-0.060
20
0.95
1.0
106
5
2000
-0.055
20
1.9
2.0
97
5
1900
0.030
20
1.9
2.0
89
5
1600
0.030
20
2.9
3.0
81
5
1600
+0.038
20
3.3
3.5
76
5
1600
+0.038
20
3.8
4.0
73
5
1000
+0.045
20
4.8
5.0
67
3
750
+0.050
20
5.7
6.0
61
3
500
+0.058
20
6.2
6.5
55
3
500
+0.062
20
6.2
6.5
52
3
600
+0.065
10
20
7.6
8.0
45
3
600
+0.075
20
8.0
8.4
41
2
600
+0.076
20
8.7
9.1
38
1
600
+0.077
9.5
9.4
9.9
35
0.5
600
+0.079
9.0
9.5
10
32
0.1
600
+0.082
8.5
10.5
11
30
0.1
600
+0.082
7.8
11.4
12
28
0.1
600
+0.083
7.4
12.4
13
27
0.1
600
+0.084
7.0
13.3
14
25
0.1
600
+0.085
6.6
13.3
14
24
0.1
600
+0.086
6.2
14.3
15
23
0.1
600
+0.086
5.6
16.2
17
21
0.1
600
+0.087
5.2
17.1
18
19.1
0.1
600
+0.087
5.0
18.1
19
18.2
0.1
600
+0.089
4.6
20
21
16.8
0.1
600
+0.090
4.5
20
21
16.2
0.1
600
+0.091
4.2
22
23
15.1
0.1
600
+0.091
3.8
24
25
13.8
0.1
700
+0.092
3.4
26
27
12.6
0.1
700
+0.093
3.2
29
30
11.6
0.1
800
+0.094
3.0
31
33
10.6
0.1
900
+0.095
2.7
34
36
9.7
0.1
1000
+0.095
2.5
37
39
8.9
0.1
1100
+0.096
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
ZMM5226
ZMM5227
ZMM5228
ZMM5229
ZMM5230
ZMM5231
ZMM5232
ZMM5233
ZMM5234
ZMM5235
ZMM5236
ZMM5237
ZMM5238
ZMM5239
ZMM5240
ZMM5241
ZMM5242
ZMM5243
ZMM5244
ZMM5245
ZMM5246
ZMM5247
ZMM5248
ZMM5249
ZMM5250
ZMM5251
ZMM5252
ZMM5253
ZMM5254
ZMM5255
ZMM5256
ZMM5257
ZMM5258
ZMM5259
ZMM5260
ZMM5261
ZMM5262
1)
2)
vz %/K
29
28
24
23
22
19
17
11
7
7
5
6
8
8
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
20
6.7
7.0
50
3
600
+0.068
1) The zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I or I
ZT
ZK
ZT
ZK
) is
superimposed on I or I Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to elimunate unstable units.
2) Valid provided that electrodes are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com