Electronic Components Datasheet Search
  English  ▼

X  

ST1208 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST1208
Description  3-Channel White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST1208 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST1208 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ST1208
V1.1
6/12
2004/10/27
! Applications Information
Dimming Using EN1 and EN2
( See Figure 1. )
Use EN1 and EN2 inputs as a digital 2-bit number to
control on/off, 1/10, 3/10 and full current ( see Table1 ).
RSET programs the full current level ( see the Setting
the Output Current section ).
EN1
EN2
BRIGHTNESS
LED CURRENT
0
0
Shutdown
ILED = 0
0
1
1/10 Brightness
ILED = 16 X ISET
1
0
3/10 Brightness
ILED = 48 X ISET
1
1
Full Brightness
ILED = 160 X ISET
Table 1. Brightness Control
Dimming Using PWM into EN1
( See Figure 2. )
Use EN2 for shutdown and drive EN1 with a PWM
signal. Current can be varied from 1/10 to full. The
maximum frequency of PWM is 10 KHz.
ILED = K·ISET· ( 0.9·PWM + 0.1 )
Where K = 160, PWM = 0% ~ 100%.
Dimming Using a Filtered PWM Signal
( See Figure 3. )
Use a high-frequency PWM signal to drive an R-C-R
filter on the SET pin. A 0% PWM duty cycle
corresponds to 20mA/LED, while a 100% PWM duty
cycle corresponds to 0mA/LED. At PWM frequencies
above 5 KHz, C may be reduced.
Input Ripple
( See Figure 4. )
For LED drivers, input ripple is more important than
output ripple. Input ripple depends on the source
supply’s impedance. Adding a lowpass filter to the input
further reduce input ripple. Figure 4 shows a C-R-C
filter used to reduce input ripple to less than 2mVp-p
when driving a heavy load or flash LED.
PCB Layout and Routing
The ST1208 is a high-frequency switched-capacitor
voltage regulator. For best circuit performance, use a
solid ground plane and place CIN and COUT as close
to the ST1208 as possible. Also, place their ground
pads close together and as close as possible to GND.
Making the bias current clear can enhance stability of
the LED output current,
Component Selection
For high efficiency performance, how to choose the
component is the most important.
Low ESR capacitor can reduce the output voltage
ripple and increase the voltage of charge pump. The
ceramic capacitor with an X5R or X7R is the best.
The efficiency of 1x mode is over 15% higher than 1.5x
mode. Therefore, higher input voltages or the low
forward voltage of LED can make the ST1208 switch to
1x mode.
Figure 1. Typical Operating Circuit
Figure 2. Dimming Using PWM Signal into EN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com