Electronic Components Datasheet Search
  English  ▼

X  

ST2203U Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST2203U
Description  8-Bit Microcontroller With 2K Bytes RAM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2203U Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST2203U Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2203U Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2203U Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2203U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2203U Datasheet HTML 5Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ST2203U
Preliminary Ver 2.0
Page 2/5
2006/11/28
ROM CODE CHECKLIST
ST2203U-c c c c
8-Bit Microcontroller With 2K Bytes RAM
OSCILLATOR
□
32768 Hz Crystal (□ Switch to normal load after 1.5 second)
□
Crystal
MHz(tolerance ± 30ppm)
c
2.4V ~ 3.6V
c
3.0V ± 10%
c
3.3V ± 10%
c
Other Range
~
V
OPERATING VOLTAGE
Note: Maximum operating frequency = 8.0MHz@3.0V, 6.0Mhz@2.4V
BATTERY
c
CR20
x
c
AAx
c
AAAx
c
POWER DOWN MODES cWAI-0
c
WAI-1
c
Disabled
LOW VOLTAGE
DETECTOR
c
External -LVD level1(2.4V)
c
External -LVD level2(2.2V)
c
External -LVD level3(2.0V)
c
External -LVD level4(1.9V)
Resolution:
x
Duty: 1/
VLCD:
Frame Rate:
Hz Alternation: Every cFrame c
Lines
LCD
SPECIFICATIONS
Driver: cST8012x
c
ST8008x
c
ST8009x
c
ST8011x
LCD Gray-level
c
Black and White
c
4 Gray-level
LCKR =
LCTR =
LFRA =
LXMAX =
When LCD is on:
LYMAX =
When LVD is on:
LVCTR =
REGISTER VALUE
When power down:
SYS =
(WAIT0 or WAIT1)
DATA SHEET: ST2203U user’s manual Ver
CODE FILE:
.BIN
DATE(Y/M/D): 20
/
/
CHECK SUM: c c c c H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com