Electronic Components Datasheet Search
  English  ▼

X  

ST7063C Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7063C
Description  80CH Segment Driver for Dot Matrix LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7063C Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7063C Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7063C Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ST
Sitronix
ST7063C
80CH Segment Driver for Dot Matrix LCD
V1.3b
2005/11/08
1/12
n
Functions
l Dot matrix LCD driver with two 40 channel
outputs
l Bias voltage (V1 ~ V4)
l input/output signals
n Input : Serial display data and control
pulse from controller IC
n Output : 40 X 2 channels waveform for
LCD driving
n
Features
l Display driving bias : static to 1/5
l Power supply for logic : 2.7V ~ 5.5V
l Power supply for LCD voltage (V
DD~VEE) :
3V ~ 11V
100 Pin QFP package and bare chip available
n
Description
ST7063C is a segment driver for dot matrix type
LCD display. It features 80 channels with 40 X 2
bits bi-directional shift registers, data latches,
LCD drivers and logic control circuits. It is
fabricated by high voltage CMOS process with
low current consumption.
The ST7063C can convert serial data received
from an LCD controller, such as ST7066U, into
parallel data
and
send out LCD driving
waveforms to the LCD panel. The ST7063C is
designed for general purpose LCD drivers. It can
drive both static and dynamic drive LCD. The LSI
can be used as segment driver.
The ST7063C has pin function compatibility with
the KS0063(B) that allows the user to easily
replace it with an ST7063C.


Similar Part No. - ST7063C

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
40CH Segment/Common Driver for Dot Matrix LCD
logo
List of Unclassifed Man...
ST7066 ETC-ST7066 Datasheet
318Kb / 29P
Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7063C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B2104 SAMSUNG-S6B2104 Datasheet
122Kb / 12P
80CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com