Electronic Components Datasheet Search
  English  ▼

X  

ST7065C Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST7065C
Description  40CH Segment/Common Driver for Dot Matrix LCD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7065C Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST7065C Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ST7065C
V1.4c
2009/08/21
3/14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Size : 2310x1830μm
Coordinate : center
Min. PAD Pitch : 120μm
PAD Size : 85x90μm
(0,0)
"G798E" Marking : Easy to find the PAD
59
58
57
56
55
54
53
52
51
50
49
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
31
20
21
22
23
24
25
26
27
28
29
30
Substrate connect to VDD.
Functional Block Diagram
Pad Arrangement
SEGMENT DRIVER
SEGMENT DRIVER
BIDIRECTIONAL
SHIFTER(20bits)
BIDIRECTIONAL
SHIFTER(20bits)
DATA LATCH(20bits)
DATA LATCH(20bits)
CONTOL
V1
V2
V3
V4
CL2
CL1
M
DL1 SHL1 DR1
DL2 SHL2 DR2
VDD
VSS
VEE
S1...............................S20
S21...............................S40
V5
V6
FCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com