Electronic Components Datasheet Search
  English  ▼

X  

16951B Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # 16951B
Description  Logic Analyzer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16951B Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button 16951B Datasheet HTML 17Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 18Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 19Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 20Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 21Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 22Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 23Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 24Page - Agilent(Hewlett-Packard) 16951B Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
Agilent 16760A Specifications and Characteristics
Agilent Technologies 16760A Supplemental Specifications* and Characteristics (continued)
Synchronous State
Analysis [4] (continued) 1.5 Gb/s mode
1.25 Gb/s mode
800 Mb/s mode
400 Mb/s mode
200 Mb/s mode
Maximum trigger
22416
16
sequence levels
Maximum trigger
1.5 Gb/s
1.25 Gb/s
800 MHz
400 MHz
200 MHz
sequencer speed
Store qualification
Default
Default
Default
Default
Default and per
sequence level
Maximum
N/A
N/A
N/A
N/A
16,777,215
global counter
Maximum
N/A
N/A
N/A
N/A
16,777,215
occurrence counter
Maximum pattern/
32 bits [3]
32 bits [3]
32 bits [3]
32 bits [3]
32 bits [3]
range term width
Timer value range
N/A
N/A
N/A
N/A
100 ns to 4397 seconds
Timer resolution
N/A
N/A
N/A
N/A
4 ns
Timer accuracy
N/A
N/A
N/A
N/A
±(10 ns + 0.01% of
value)
Timer reset latency
N/A
N/A
N/A
N/A
65 ns
Data in to BNC port
150 ns
150 ns
150 ns
150 ns
150 ns
out latency
Flag set/reset to
N/A
N/A
N/A
N/A
110 ns
evaluation latency
[1] In 1.25 Gb/s and 1.5 Gb/s modes, only the even-numbered channels (0, 2, 4, etc.) are acquired.
[2] The resolution of the hardware used to assign time tags is 4 ns. Times of intermediate states are calculated.
[3] Maximum label width is 32 bits. Wider patterns can be created by “Anding” multiple labels together.
[4] The choice of probe can limit system performance. Select a probe rated at the speed of the selected mode (or greater) to maintain system bandwidth.
Asynchronous Timing Analysis
Conventional Timing Analysis
Transitional Timing Analysis
Maximum timing analysis sample rate
800 MHz
400 MHz
Number of channels
34 x (number of modules)
Sampling rates < 400 MHz: 34 x (number of modules)
Sampling rates = 400 MHz:
34 x (number of modules) – 17 [1]
Maximum channels on a
170 (5 modules)
170 (5 modules)
single time base and trigger
Sample period
1.25 ns
2.5 ns to 1 ms [1]
Memory Depth
64 M Samples
32 M Samples [1]
[1] With all pods assigned in transitional/store qualified timing, minimum sample period is 5 ns and maximum memory depth is 16 M samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com